Part Number Hot Search : 
24D240A1 DTC113Z TLRE160A FSYA254R IRF5305L 2S09655 MR7H5 1410454
Product Description
Full Text Search
 

To Download IRF9540N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRF9540N power mosfet parameter max. units i d @ t c = 25c continuous drain current, v gs @ -10v -23 i d @ t c = 100c continuous drain current, v gs @ -10v -16 a i dm pulsed drain current ? -76 p d @t c = 25c power dissipation 140 w linear derating factor 0.91 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ? 430 mj i ar avalanche current ? -11 a e ar repetitive avalanche energy ? 14 mj dv/dt peak diode recovery dv/dt ? -5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 srew 10 lbf?in (1.1n?m) absolute maximum ratings parameter typ. max. units r q jc junction-to-case CCC 1.1 r q cs case-to-sink, flat, greased surface 0.50 CCC c/w r q ja junction-to-ambient CCC 62 thermal resistance v dss = -100v r ds(on) = 0.117 w i d = -23a l advanced process technology l dynamic dv/dt rating l 175c operating temperature l fast switching l p-channel l fully avalanche rated s d g t o -22 0 ab description the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry. 2014-8-9 1 www.kersemi.com
IRF9540N parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC -1.6 v t j = 25c, i s = -11a, v gs = 0v ? t rr reverse recovery time CCC 150 220 ns t j = 25c, i f = -11a q rr reverse recoverycharge CCC 830 1200 nc di/dt = -100a/s ? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -100 CCC CCC v v gs = 0v, i d = -250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC -0.11 CCC v/c reference to 25c, i d = -1ma r ds(on) static drain-to-source on-resistance CCC CCC 0.117 w v gs = -10v, i d = -11a ? v gs(th) gate threshold voltage -2.0 CCC -4.0 v v ds = v gs , i d = -250a g fs forward transconductance 5.3 CCC CCC s v ds = -50v, i d = -11a CCC CCC -25 a v ds = -100v, v gs = 0v CCC CCC -250 v ds = -80v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 v gs = 20v gate-to-source reverse leakage CCC CCC -100 na v gs = -20v q g total gate charge CCC CCC 97 i d = -11a q gs gate-to-source charge CCC CCC 15 nc v ds = -80v q gd gate-to-drain ("miller") charge CCC CCC 51 v gs = -10v, see fig. 6 and 13 ? t d(on) turn-on delay time CCC 15 CCC v dd = -50v t r rise time CCC 67 CCC i d = -11a t d(off) turn-off delay time CCC 51 CCC r g = 5.1 w t f fall time CCC 51 CCC r d = 4.2 w, see fig. 10 ? between lead, CCC CCC 6mm (0.25in.) from package and center of die contact c iss input capacitance CCC 1300 CCC v gs = 0v c oss output capacitance CCC 400 CCC pf v ds = -25v c rss reverse transfer capacitance CCC 240 CCC ? = 1.0mhz, see fig. 5 nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance CCC CCC i gss ns 4.5 7.5 i dss drain-to-source leakage current ? repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) ? i sd -11a, di/dt -470a/s, v dd v (br)dss , t j 175c notes: ? starting t j = 25c, l = 7.1mh r g = 25 w , i as = -11a. (see figure 12) ? pulse width 300s; duty cycle 2%. s d g source-drain ratings and characteristics a s d g -23 -76 2014-8-9 2 www.kersemi.com
fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 1 10 100 0.1 1 10 100 d ds 20s pulse w idth t = 25c c a -i , d rain-to-source c urrent (a) -v , drain-to-source voltage (v) vgs to p - 15v - 10v - 8.0v - 7.0v - 6.0v - 5.5v - 5.0v bot tom - 4.5v -4.5v 1 10 100 0.1 1 10 100 d ds a -i , drain-to-source current (a) -v , drain-to-source volta g e ( v ) vgs top - 15v - 10v - 8.0v - 7.0v - 6.0v - 5.5v - 5.0v bottom - 4.5v -4.5v 20 s pulse w idth t = 175c c 0.1 1 10 100 45678910 t = 25c j gs d a -i , drain-to-source c urrent (a) -v , gate-to-source voltage (v) v = -25v 20s pulse w idth ds t = 175c j 0.0 0.5 1.0 1.5 2.0 2.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (n orm alized) a v = -10v gs i = -19a d j j IRF9540N 2014-8-9 3 www.kersemi.com
fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 500 1000 1500 2000 2500 3000 1 10 100 c, capacitance (pf) a ds -v , drain-to-source volta g e ( v ) v = 0v , f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 4 8 12 16 20 0 20406080100 g gs a -v , gate-to-source voltage (v) q , total g ate char g e ( nc ) v = -80v v = -50v v = -20v ds ds ds for test circuit see figure 13 i = -11a d 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 t = 25c j v = 0v gs sd sd a -i , reverse drain current (a) -v , source-to-drain voltage (v) t = 175c j 1 10 100 1000 1 10 100 1000 ope ration in this area limite d by r ds(on) 10ms a -i , drain current (a) -v , drain-to-source volta g e ( v ) ds d 100s 1ms t = 25c t = 175c sin g le pulse c j IRF9540N 2014-8-9 4 www.kersemi.com
fig 10a. switching time test circuit fig 10b. switching time waveforms fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature v ds -10v pulse width 1 s duty factor 0.1 % r d v gs v dd r g d.u.t. + - v ds 90% 10% v gs t d(on) t r t d(off) t f 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 0 5 10 15 20 25 t , case temperature ( c) i , drain current (a) c d IRF9540N 2014-8-9 5 www.kersemi.com
fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current q g q gs q gd v g charge -10v d.u.t. v ds i d i g -3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v ( br ) dss i as r g i as 0.01 w t p d.u.t l v ds v dd driver a 15v -20v 0 200 400 600 800 1000 1200 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as a startin g t , junction temperature ( c ) i top -4.7a -8.1a bo tto m -11a d IRF9540N 2014-8-9 6 www.kersemi.com
peak diode recovery dv/dt test circuit p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - ? ? ? r g v dd dv/dt controlled by r g i sd controlled by duty factor "d" d.u.t. - device under test d.u.t * circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? * reverse polarity of d.u.t for p-channel v gs [ ] [ ] *** v gs = 5.0v for logic level and 3v drive devices [ ] *** fig 14. for p-channel hexfets IRF9540N 2014-8-9 7 www.kersemi.com
lead assignments 1 - gate 2 - drain 3 - sou rc e 4 - drain - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) m in 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 d im e n s io n in g & to l e r a n c ing p e r a n s i y 1 4.5m , 1 9 82. 3 o u t lin e c o n f o r m s to je d e c o u t lin e to -2 20 a b . 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. part number inte rn at io n al r ec tifie r lo g o example : this is an irf1010 w ith a ss e m bly lo t co de 9b 1m assembly l ot co d e date code (yyw w ) yy = year ww = week 9246 irf1010 9b 1m a part marking information to-220ab package outline to-220ab outline dimensions are shown in millimeters (inches) part number international rectifier lo g o example : this is an irf1010 w it h as se m b ly lo t c o de 9b1m assembly lo t co de date code (yyww) yy = year ww = week 9246 irf1010 9b 1m a IRF9540N 2014-8-9 8 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRF9540N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X